Part Number Hot Search : 
CAR3108B AS1348 PMB2400 101K35 ON2803 ATTP3 EGXE800E 74HC245P
Product Description
Full Text Search
 

To Download WF100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
XPiQ inc.
Intelligent Design Quality Product
25/30 Watts WF Series
*
2:1 Input Range * Efficiency to 85% * 300kHz Switching Frequency * Overvoltage Protection * Remote Disable * Six-sided Shield * External Output Trim
Specification
All specifications are typical at 25C, nominal line & 75% load
Input
Input Voltage Range Input Filter * * See Table Type
Output
Voltage Accuracy * Single output, 2% max. Dual + output, 2% max. Dual - output, 3% max. Triple 5V, 2% max. 12V/15V, 5% max. Voltage Balance Dual Output at full load * 1% max. Transient Response Single, 25% Step Load Change * <500 sec Dual, FL=1/2L1% Error Band * <500 sec External Trim Adj. Range * 10% Ripple & Noise * 10mV RMS, max (20MHz BW) 75m V p-p max. Temperature * 0.02%/C max. Coefficient Short Circuit * Indefinite Protection
Line Regulation Single/Dual Output Triple Output Load Regulation Single/Dual Output Triple Output
* * * *
0.5% max. 1.0% max. 1.0% max. 5.0% max.
General
Efficiency Isolation Voltage Isolation Resistance Switching Frequency Case Grounding Operating Temperature Range Storage Temperature Range * * * * * * * See Table 500 VDC min 109 ohms min. 300 kHz Capacity Coupled to Input -25C to +100C -55C to +105C
Environmental
EMI/RFI Case Temperature Case Material Dimensions Safety Approvals * * * * * Six-sided Continuous Shield 100C max Black Coated Copper with Non-Conductive Base 2 x 2 x 0.40 inches (50.8 x 50.8 x 10.2 mm) UL1950 for U versions only
39
www.XP-iQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xp-iq.com Holliston, MA 01746 USA
*
*
OUTPUT VOLTAGE & CURRENT RATINGS
Model WF100 WF101 WF102 WF103 WF104 WF105 WF106 WF107 WF108 WF200 WF201 WF202 WF203 WF204 WF205 WF206 WF207 WF208 WF300 WF301 WF302 WF303 WF304 WF305 WF306 WF307 WF308 Input Voltage 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 9-18 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 18-36 VDC 36-72 VDC 36-72 VDC 36-72 VDC 36-72 VDC 36-72 VDC 36-72 VDC 36-72 VDC 36-72 VDC 36-72 VDC Output Voltage 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0/12.0 VDC 5.0/15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0/12.0 VDC 5.0/15.0 VDC 3.3 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0 VDC 12.0 VDC 15.0 VDC 5.0/12.0 VDC 5.0/15.0 VDC Output Current 5000 mA 5000 mA 2500 mA 2000 mA 2500 mA 1250 mA 1000 mA 3500/310 mA 3500/250 mA 5000 mA 5000 mA 2500 mA 2000 mA 2500 mA 1250 mA 1000 mA 3500/310 mA 3500/250 mA 5000 mA 5000 mA 2500 mA 2000 mA 2500 mA 1250 mA 1000 mA 3500/310 mA 3500/250 mA Input Current No Load Full Load 30 mA 1860 mA 30 mA 2675 mA 30 mA 3050 mA 30 mA 3050 mA 35 mA 2675 mA 35 mA 3050 mA 35 mA 3050 mA 35 mA 2640 mA 35 mA 2640 mA 30 mA 920 mA 30 mA 1336 mA 30 mA 1525 mA 30 mA 1525 mA 30 mA 1336 mA 30 mA 1470 mA 30 mA 1470 mA 30 mA 1320 mA 30 mA 1320 mA 20 mA 460 mA 20 mA 660 mA 20 mA 765 mA 20 mA 765 mA 25 mA 660 mA 25 mA 735 mA 25 mA 735 mA 25 mA 655 mA 25 mA 655 mA
WF
% Efficiency 74 78 82 82 78 82 82 79 79 75 79 82 82 79 85 85 80 80 75 79 82 82 79 85 85 80 80
For optional UL1950 approved product, add suffix "U" to part number.
Mechanical Details
Dimensions in inches (mm)
Output (Pin No.) 7 8&5 8&5
Triple Output Loading Table (1) Voltage Amperes Min.(2) +5 0.50 +12 or -12 0.10 +15 or -15 0.10
Nom. 3.50 0.31 0.25
Pin 1 2 3 4 5 6 7 8
Pin Connections Single Output Dual Output REMOTE ON/OFF REMOTE ON/OFF NO PIN NO PIN -VIN -VIN +VIN +VIN OUTPUT TRIM OUTPUT TRIM -OUTPUT -OUTPUT +OUTPUT COMMON NO PIN +OUTPUT
Triple Output REMOTE ON/OFF NO PIN -VIN +VIN -OUTPUT COMMON +5V OUTPUT +OUTPUT
Notes: 1. Maximum total power from all outputs is limited to 25 watts but no output should be allowed to exceed its maximum current. 2. Minimum current on each output is required to maintain specified regulation.
EXTERNAL OUTPUT TRIMMING
www.XP-iQ.com
PH: 508 429.9883 FAX: 800 226.2100 Email: sales@xp-iq.com Holliston, MA 01746 USA
40


▲Up To Search▲   

 
Price & Availability of WF100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X